Part Number Hot Search : 
UCC20225 2SC4793 T1206 25Q40 BP104S 015EZ0 1N599 D74ALVC1
Product Description
Full Text Search
 

To Download QRF1210T30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerex, inc., 173 pavilion lane, youngw ood, pennsylvania 15697-1800 (724) 925-7272 fast recovery diode module www.pwrx.com revision date: 03/23/2009 qr_1210t30 description: powerex fast recovery diode modules are designed for use in applications requiring fast switching. the modules are isolated for easy mounting with other components on a common heatsink. features: ? fast recovery time ? isolated mounting ? metal baseplate ? low thermal impedance ? 3000 v isolating voltage applications: ? switching power supplies ? inverters ? choppers ? welding power supplies ? free wheeling diode ? high frequency rectifiers qr_1210t30 fast recovery diode module dimensions inches millimeters a 3.70 94.0 b 1.34 34.0 c 1.18 30.0 d 3.15 80.0 e 0.50 12.7 f 0.28 7.0 g 0.67 17.0 h 0.91 23.0 j 0.91 23.0 k m6x1.0 m6x1.0 l 0.31 8.0 m 0.256 dia. 6.5 dia. n 0.47 12.0
powerex, inc., 173 pavilion lane, youngw ood, pennsylvania 15697-1800 (724) 925-7272 fast recovery diode m odule www.pwrx.com revision date: 03/23/2009 q r_1210t 30 absolute maximum ratings, t j =25 c unless otherw ise specified l o b m y s s n o i t i d n o c s c i t s i r e t c a r a h c qrd1210t30 qrc1210t30 QRF1210T30 units v - e g a t l o v g n i k c o l b e s r e v e r k a e p e v i t i t e p e r rrm 1200 volts v - e g a t l o v g n i k c o l b e s r e v e r k a e p e v i t i t e p e r - n o n rsm v rrm + 100 volts a verage forw ard current 180 conduction, tc=80 c 180 conduction, tc=25 c i f ( av) 53 79 amperes amperes peak half cy cle non-repetitive surge current t = 8.3ms, 100%v rrm reapplied i f s m 840 amperes i 2 v % 0 0 1 , s m 3 . 8 = t e l c y c e n o r o f g n i s u f r o f t rrm reapplied i 2 t 2940 a 2 sec t - e r u t a r e p m e t n o i t c n u j g n i t a r e p o j -40 to 150 c t - e r u t a r e p m e t e g a r o t s s t g -40 to 150 c . b l - . n i 6 2 - - w e r c s g n i t n u o m 6 m , e u q r o t g n i t n u o m m u m i x a m maximum terminal torque, m6 te . b l - . n i 6 2 - - w e r c s l a n i m r s m a r g 0 2 2 - - ) l a c i p y t ( t h g i e w e l u d o m i u c r i c , z h 0 6 n o i t a l o s i v t to base, all terminals s hort ed, t = 60 s ec v rms 3000 volts thermal characteristics, t j =25 c unless otherw ise specified s t i n u . x a m . p y t . n i m l o b m y s s c i t s i r e t c a r a h c t hermal res istanc e, j unction t o cas e r j c per diode - - 0.35 c/watt t hermal res ist anc e, case t o s ink lubric at ed r cs per module - - 0.04 c/watt electrical characteristics, t j =25 c unless otherw ise specified s t i n u x a m . p y t . n i m s n o i t i d n o c t s e t l o b m y s s c i t s i r e t c a r a h c peak reverse leakage current i rrm rated v rrm - - 1 ma v e g a t l o v e t a t s - n o k a e p f m i f =100a - - 3.5 volts r r t e m i t y r e v o c e r e s r e v e r i f = 100a, di/dt = ?200a/ s - - 250 ns reverse recovery charge qrr i f = 100a, di/ dt = ?200a/ s - 0.75 - c
powerex, inc., 173 pavilion lane, youngw ood, pennsylvania 15697-1800 (724) 925-7272 fast recovery diode module www.pwrx.com revision date: 03/23/2009 qr_1210t30 maximum on-state forward voltage drop 0.00 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00 9.00 10.00 10.0 100.0 1000.0 10000.0 instantaneous on-state current - itm - amperes on-state voltage - vtm - volts ( tj = 150 c ) maximum transient thermal impedance .00000 .05000 .10000 .15000 .20000 .25000 .30000 .35000 .40000 .00010 .00100 .01000 .10000 1.00000 10.00000 100.00000 time - t - seconds thermal impedance - rjc - c/w (junction to case) 0 180 360 conduction angle maximum on-state power dissipation 15 30 60 90 120 180 0 50 100 150 200 250 300 0 1020304050607080 average on-state current - it(av) - amperes maximum power dissipation per scr - watts (sinusoidal waveform) 0 180 360 conduction angle maximum allowable case temperature 120 90 60 30 15 180 40 60 80 100 120 140 0 1020304050607080 average on-state current - it(av) - amperes max. case temperature - tcase - c (sinusoidal waveform) 0 180 360 conduction angle maximum on-state power dissipation 90 60 30 120 180 270 15 360 0 50 100 150 200 250 300 350 0 20406080100120 average on-state current - it(av) - amperes maximum power dissipation per scr - watts (rectangular waveform) 0 180 360 conduction angle maximum allowable case temperature 270 180 120 90 60 30 15 360c 20 40 60 80 100 120 140 0 20 40 60 80 100 120 average on-state current - it(av) - amperes max. case temperature - tcase - c (rectangular waveform)


▲Up To Search▲   

 
Price & Availability of QRF1210T30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X